Part Number Hot Search : 
SMAJ20 0MC11 12N60 BQ24027 F130431 D4050 208271 NP22N055
Product Description
Full Text Search
 

To Download AHC30-R18M-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
AHC30
Axial High Current Chokes
Dimensions: Inches (mm)
22 AWG
1.0 NOMINAL (25.4)
0.50 MAX. (12.70)
1.0 NOMINAL (25.4)
0.18 (4.57) MAX.
Features * Axial pre-tinned leads. * Protected with Varnish or UL shrink tubing. * Non standard values and tolerances available. * High saturation core material used for high inductance and low DCR. Electrical Inductance: Measured with HP4284A at specified frequency. Rated Current: Based on T=40C. Tolerance: 20% from .15uh to 1.0uh 10% from 1.2uh to 56uh. Physical Marking (on Part): UL tubing marked with EIA code. Varnish parts not marked. Marking (on Reel): Manufactures Name, Part Number, Customers Part Number, Invoice Number, Lot or Date Code. Packaging: 200 pieces per bag.
Allied Part Number
Inductance (h)
Tolerance (%)
Q Min.
Test Freq. (MHz)
SRF Min. (MHz)
DCR Max. ()
Rated Current (mA)
AHC30-R15M-RC AHC30-R18M-RC AHC30-R22M-RC AHC30-R27M-RC AHC30-R33M-RC AHC30-R39M-RC AHC30-R47M-RC AHC30-R56M-RC AHC30-R68M-RC AHC30-R82M-RC AHC30-1R0M-RC AHC30-1R2K-RC AHC30-1R5K-RC AHC30-1R8K-RC AHC30-2R2K-RC AHC30-2R7K-RC AHC30-3R3K-RC AHC30-3R9K-RC AHC30-4R7K-RC AHC30-5R6K-RC AHC30-6R8K-RC AHC30-8R2K-RC AHC30-100K-RC AHC30-120K-RC AHC30-150K-RC AHC30-180K-RC AHC30-220K-RC AHC30-270K-RC AHC30-330K-RC AHC30-390K-RC AHC30-470K-RC AHC30-560K-RC
0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56
20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
70 70 70 70 70 70 70 70 70 70 70 55 55 55 55 55 60 60 60 60 60 55 55 65 65 70 70 70 65 65 60 55
25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52
480 450 400 380 300 280 260 210 190 180 165 150 135 125 115 105 90 85 80 70 65 60 55 45 40 36 33 31 29 26 23 20
0.018 0.022 0.025 0.029 0.032 0.035 0.039 0.049 0.078 0.090 0.105 0.063 0.071 0.078 0.088 0.098 0.205 0.225 0.250 0.280 0.310 0.350 0.390 0.670 0.760 0.850 0.960 1.100 1.240 1.370 1.650 1.950
1850 1800 1740 1680 1610 1540 1430 1320 1200 1130 1020 1580 1500 1450 1380 1320 870 840 800 750 710 680 640 450 430 410 390 360 345 330 315 300
All specifications subject to change without notice.
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
Revised 03-25-08
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of AHC30-R18M-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X